PART |
Description |
Maker |
259400 259402 259401 259364 259365 259367 259366 2 |
12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference 12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference 10-Bit, 20Msps ADC SIGN-WEAR WELDING MASK SIGN-RESPIRATORS MUST BE WORN SIGN-EMERGENCY EXIT SIGNS NOW WASH YOUR HANDS SIGN-NOW WASH YOUR HANDS 0.1% Accurate Signal Conditioner for Piezoresistive Sensor Compensation 标志的实验室外套必须 Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors 标志,必须戴呼吸 1% Accurate, Digitally Trimmed Sensor Signal Conditioner 标志,应急出
|
Microchip Technology, Inc.
|
LTC1065 LTC1065C LTC1065CN8 LTC1065CS LTC1065M LTC |
DC Accurate/ Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter From old datasheet system DC Accurate Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter 直流准确,时钟可调谐线性相位五阶贝塞尔低通滤波器 DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter SWITCHED CAPACITOR FILTER, BESSEL, LOWPASS, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
TMP05 TMP05AKS-500RL7 TMP05AKS-REEL TMP05AKS-REEL7 |
Complete Temperature Monitoring System 【0.5∑C Accurate PWM Temperature Sensor in 5-Lead SC-70 0.5C Accurate PWM Temperature Sensor in 5-Lead SC-70
|
AD[Analog Devices]
|
AQ201GY-N3-12-TRL AQ201GY-N3-12-BUL AQ201GY-M3-12- |
3oC Accurate with Hysteresis 115oC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages 3ìC Accurate with Hysteresis 115ìC Thermostat SOT23, TO-92, PSOT23-6, SC70 Packages
|
Acutechnology Semiconductor
|
ADT7420 ADT7420UCPZ ADT7420UCPZ-R2 ADT7420UCPZ-RL7 |
±0.25°C Accurate, 16-Bit Digital I2C Temperature Sensor 隆戮0.25隆?C Accurate, 16-Bit Digital I2C Temperature Sensor
|
Analog Devices
|
LT1468CDD-PBF LT1468CDD-TRPBF LT1468CN8-PBF LT1468 |
90MHz, 22V/レs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/μs 16-Bit Accurate Operational Amplifi er 90MHz, 22V/渭s 16-Bit Accurate Operational Amplifi er 90MHz, 22V/楼矛s 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
LT146809 LT1468CDDTRPBF LT1468IDDTRPBF LT1468AIDDT |
16-Bit Accurate Operational Amplifi er 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 400 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 85°C OP-AMP, 500 uV OFFSET-MAX, 88 MHz BAND WIDTH, PDSO8 90MHz, 22V/us 16-Bit Accurate Operational Amplifier; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
SA56004FTK SA56004AD SA56004ADP SA56004ATK SA56004 |
隆戮1 隆?C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms --1 deg Cel accurate, SMBus-compatible, 8-pin, remote-local digital temperature sensor with overtemperature alarms ±1 °C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
|
NXP Semiconductors N.V.
|
LT1469CN8-PBF LT1469AIDF-PBF LT1469IDF-PBF LT1469A |
Dual 90MHz, 22V/楼矛s 16-Bit Accurate Operational Amplifi er Dual 90MHz, 22V/μs 16-Bit Accurate Operational Amplifi er
|
Linear Technology
|
AV431 |
Adjustable Accurate Reference Source
|
AVICTEK[Avic Technology]
|